PART |
Description |
Maker |
1016200000 |
Terminal Block; Wire Size (AWG):22-14; Mounting Type:DIN Rail; Color:Green/Yellow; Terminal Block Clamp Type:Screw Clamp 6 A, MODULAR TERMINAL BLOCK, 1 DECK
|
Weidmuller, Corp.
|
1011200000 |
Terminal Block; Wire Size (AWG):22-12; Mounting Type:DIN Rail; Color:Beige; Terminal Block Clamp Type:Screw Clamp; External Width:35mm; Voltage Rating, AC:800V RoHS Compliant: Yes 10 A, MODULAR TERMINAL BLOCK, 1 DECK
|
Weidmuller, Corp.
|
25.320.0453.1 25.320.1653.1 25.340.1053.0 25.340.1 |
Terminal Block; No. of Positions:4; Pitch Spacing:0.197"; Wire Size (AWG):12; Mounting Type:PC Board; Color:Black; No. of Contacts:4; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; No. of Positions:16; Pitch Spacing:0.197"; Wire Size (AWG):12; Mounting Type:PC Board; Color:Black; No. of Contacts:16; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; No. of Positions:10; Pitch Spacing:0.2"; Mounting Type:PC Board; Color:Light Gray; No. of Contacts:10; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; No. of Positions:18; Pitch Spacing:0.2"; Mounting Type:PC Board; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; No. of Positions:12; Pitch Spacing:0.2"; Mounting Type:PC Board; Color:Light Gray; No. of Contacts:12; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block, Connector, Current Rating 15 Ampere, Maximum AWG Number 22, Minimum AWG Number 12 RoHS Compliant: Yes 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; No. of Positions:12; Pitch Spacing:0.197"; Wire Size (AWG):12; Mounting Type:PC Board; Color:Black; No. of Contacts:12; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; No. of Positions:9; Pitch Spacing:0.2"; Mounting Type:PC Board; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; No. of Positions:3; Pitch Spacing:0.197"; Wire Size (AWG):12; Mounting Type:PC Board; Color:Black; Leaded Process Compatible:Yes; No. of Contacts:3; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes Terminal Block; No. of Positions:2; Pitch Spacing:0.197"; Wire Size (AWG):12; Mounting Type:PC Board; Color:Black; Leaded Process Compatible:Yes; No. of Contacts:2; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes
|
Wieland Electric, Inc. WIELAND ELECTRIC INC
|
56.703.5053.0 |
Terminal Block; Wire Size (AWG):22-12; Mounting Type:DIN Rail; Terminal Block Clamp Type:Spring Clamp RoHS Compliant: Yes
|
WIELAND ELECTRIC INC
|
25.840.3253.0 |
Terminal Block; No. of Positions:2; Pitch Spacing:5.08mm; Wire Size (AWG):12; Mounting Type:PC Board; Body Material:Polyamide 6.6; Current Rating:12A; No. of Contacts:2; No. of Rows:1; Terminal Block Clamp Type:Spring Clamp RoHS Compliant: Yes
|
WIELAND ELECTRIC INC
|
999342 |
Terminal Block; No. of Positions:16; Pitch Spacing:0.13"; Wire Size (AWG):24-12; Mounting Type:PC Board; Leaded Process Compatible:Yes RoHS Compliant: Yes 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
39970-0112 39970-0106 39970-0307 |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Terminal Block; No. of Positions:6; Pitch Spacing:0.4"; Wire Size (AWG):18-6; Mounting Type:PC Board; Body Material:Thermoplastic; Color:Black; Current Rating:60A; No. of Contacts:6 RoHS Compliant: Yes 60 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 10.16MM 7 ASY VERT 40 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
Molex, Inc.
|
38760-0110 38760-0102 |
CB BTS STD 10 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:2; Pitch Spacing:0.375"; Wire Size (AWG):24-12; Mounting Type:Screw; Body Material:Glass-Filled Thermoplastic; Contact Plating:Zinc Chrome; Current Rating:20A; Number of Rows:2
|
Molex, Inc. MOLEX INC
|
4723 4728.0300 4723.0300 4723.0100 4725.0300 |
IEC AC Power Outlet; Voltage Rating: 250V; Current Rating: 15A; Mounting Type: Panel; Terminal Type: Tabs 10/15A, 250VAC, FEMALE, MAINS POWER CONNECTOR, SOLDER, SOCKET IEC AC Power Outlet; Voltage Rating: 250V; Current Rating: 15A; Mounting Type: Panel; Terminal Type: Solder 10/15A, 250VAC, FEMALE, MAINS POWER CONNECTOR, SOLDER, SOCKET IEC Appliance Outlet F Shuttered, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
|
SCHURTER AG Schurter Inc.
|
|